Part Number Hot Search : 
1533A GGRNRE T114033 KBPC3506 R325CH02 1N5988B SBT607 L78M09CV
Product Description
Full Text Search
 

To Download MBR30200CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LTO-DMS
MBR30100CT thru MBR30200CT
30 Amp HT Power Schottky Barrier Rectifier 100 Volts to 200 Volts Features * High Junction Temperature Capability * Low Leakage Current and Low Forward Voltage Drop * Low Power Loss and High Efficiency Maximum Ratings * Operating Junction Temperature: 150C * Storage Temperature: - 55 C to +175C * Per diode Thermal Resistance 2.2C/W Junction to Case Mechanical Data * Case: Molded Plastic * Terminals: Plated Lead Solderable per MIL-STD-202, Method 208 * Marking:Type Number * Weight: 2.24 grams (approx)
LTO-DMS Semiconductor Corporation 1468, 86th Street, Brooklyn New York, 11228, USA Tel: (718) 234 6010 / (707) 3223 4679 Fax:(718) 234 6013 / (707) 3223 6696
TO-220AB
DIMENSIONS DIM A B C D E F G H I J K L M N INCHES MIN 0.570 0.380 0.100 0.235 0.335 0.110 0.500 0.095 0.025 0.016 0.142 0.160 0.045 0.102 typ MAX 0.620. 0.405 0.120 0.255 0.365 0.155 0.562 0.105 0.035 0.025 0.147 0.190 0.055 MM MIN 14.4 9.66 2.54 5.97 8.51 2.80 12.7 2.42 0.64 0.41 3.61 4.06 1.14 2.6 typ MAX 15.75 10.28 3.04 6.48 9.27 3.93 14.27 2.66 0.89 0.64 3.37 4.82 1.39 NO TE
Symbol VRRM VRM VR(RMS) VF IF(AV) IFSM dv/dt
Characteristics Maximum Recurrent Peak Reverse Voltage Maximum DC Blocking Voltage Maximum RMS Voltage Maximum Forward Voltage (Note 1) IF=15.0A @TJ=25C Average Forward Current per leg 8.3ms Single Half-Sine-Wave Peak Forward Surge Current Voltage Rate Of Change (Rated VR) Maximum DC Reverse Current @TJ=25C @TJ=125C
MBR30100CT 100 100 70 0.90
MBR30150CT 150 150 105
MBR30200CT 200 200 140 0.95
Unit V V V V A A V/us
15 150 10000 0.2 40 2.0 200 -55to+150 -55to+175
IR
At Rated DC Blocking Voltage
mA
RthJC CJ TJ TSTG
Typical Thermal Resistance (Note 2) Typical Junction Capacitance (Note 3) Operating Temperature Range Storage Temperature Range
C/ W pF C C
NOTES:
1. 300us Pulse Width, Duty Cycle 2%. 2. Thermal Resistance Junction To Case. 3. Measured At 1.0MHz And Applied Reverse Voltage Of 4.0V DC.
Revision:1
2002/06/17


▲Up To Search▲   

 
Price & Availability of MBR30200CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X